PART |
Description |
Maker |
IRF3808L IRF3808S RF3808S |
75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package AUTOMOTIVE MOSFET Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A?) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A) Power MOSFET(Vdss=75V/ Rds(on)=0.007ohm/ Id=106A) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=106A 功率MOSFET(减振钢板基本\u003d 75V的,的Rdson)\u003d 0.007ohm,身份证\u003d 106A章?
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC830 |
Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A) Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRFR014 IRFU014 IRFR014PBF IRFR014TR IRFR014TRL IR |
60V Single N-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A) Power MOSFET(Vdss = 60 V, Rds(on) = 0.20 Ohm, Id= 7.7A)
|
IRF[International Rectifier]
|
IRCZ24 |
Power MOSFET(Vdss=55V/ Rds(on)=0.040ohm/ Id=26A) Power MOSFET(Vdss=55V, Rds(on)=0.040ohm, Id=26A) 60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
IRFU320 IRFR320 IRFR320PBF IRFR320TR IRFR320TRL IR |
3.1 A, 400 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Power MOSFET(Vdss=400V Rds(on)=1.8ohm Id=3.1A) Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=3.1A) 400V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
IRF[International Rectifier]
|
IRF830S IRF830STRL IRF830STRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A)
|
IRF[International Rectifier]
|
IRF9610S IRF9610STRL IRF9610STRR |
-200V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A) Power MOSFET(Vdss=-200V/ Rds(on)=3.0ohm/ Id=-1.8A) CAP 3.9PF 50V /-0.1PF C0G SMD-0402 TR-7-PA SN100 HIGH-FREQ 功率MOSFET(减振钢板基本\u003d-00V,的Rds(on)\u003d 3.0ohm,身份证\u003d- 1.8A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI640G |
200V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=200V/ Rds(on)=0.18ohm/ Id=9.8A) Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=9.8A) 功率MOSFET(减振钢板基本\u003d 200V的电压,的Rds(on)\u003d 0.18ohm,身份证\u003d 9.8A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRC740 |
Power MOSFET(Vdss=400V/ Rds(on)=0.55ohm/ Id=10A) Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A) 400V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
International Rectifier
|
IRF3808 IRF3808PBF |
75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A?) Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A?
|
International Rectifier
|
IRF1010EL IRF1010ES IRF1010ESTRL IRF1010ESTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=60V/ Rds(on)=12mohm/ Id=84A) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?) Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A?
|
IRF[International Rectifier]
|